Part Number Hot Search : 
D74ALV RL78G1C 4HCT7 02FXJ 2N7000 74FST TL16C554 780058
Product Description
Full Text Search
 

To Download EMV38GT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
14 pin DIL compatible package Wide frequency range: 27.0MHz to 200.0MHz Supply voltage 3.3 Volts Frequency stability from 1ppm over -30 to +75C RoHS compliant
EMV38GT Series TCXO
HCMOS 14 pin DIL compatible, 'V' Group
EMV38GT - OUTLINES AND DIMENSIONS DESCRIPTION EMV38GT series TCXOs are packaged in a 14 pin DIL compatible package. With squarewave (CMOS) output, tolerances are available from 1.0ppm over -30 to +75C. The part has a 0.01mF decoupling capacitor built in. SPECIFICATION Product Series Code TCXO: VCTCXO: Frequency Range: Output Waveform: Initial Calibration Tolerance Models without trimmer: Models with trimmer: Standard Frequencies: EMV38GT VEMV38GT 27.0MHz to 200.0MHz Squarewave, HCMOS <2.0ppm <1.0ppm 30.0, 32.768, 38.880, 40.0, 50.0, 54.0, 64.0, 65.536, 77.76, 80.0, 128.0, 160.0 and 200.0MHz (Partial list) See table 3.0ppm minimum 1.0 ppm max. first year 0.3 ppm max. 5% change 0.3 ppm max. 10% change 1.0ppm max. for one reflow (Measured after 24 hours) +3.3 Volts Logic High: 90% Vdd min. Logic Low: 10% Vdd max. 40mA maximum 10ns typical 50%10% standard, 5ms typical, 10ms max. See table below 15pF -55~+125C
Operating Temperature Range: Mechanical Frequency Tuning: Frequency Stability vs. Ageing: vs. Voltage Change: vs. Load Change: vs. Reflow (SMD type): Supply Voltage: Output Logic Levels: Current Consumption: Rise and Fall Times: Duty Cycle: Start-up Time: Current Consumption: Output Load: Storage Temperature:
VEMV38GT VOLTAGE CONTROL SPECIFICATION Standard = +1.51.0Volts for all input voltages. (Contact technical sales if +2.52.0 Volts is required.) Frequency Deviation: 6.0 ppm min. (Vcon = +4.5V1.0V) Slope Polarity: Positive (increase of control voltage increases output frequency.) Input Impedance: 2M minimum Modulation Bandwidth: 25kHz minimum Linearity: 10% maximum Control Voltage:
SSB PHASE NOISE at 25C FREQUENCY STABILITY
Stability (ppm) 0 ~ +50 -10 ~ +60 Temp. Range (C) -20 ~ +70 -30 ~ +75 -40 ~ +85 P 0.5 P ASK X X X 1.0 P P P P X 1.5 P P P P X 2.0 P P P P ASK 2.5 P P P P ASK 3.0 P P P P P Part = EMV38GT33 Offset at 77.760Mhz (dBc/Hz) at 155.520Mhz (dBc/Hz) 10Hz -80 -80 100Hz -110 -110 1kHz -135 -125 10kHz -130 -120 100kHz -132 -125
PART NUMBERING SCHEDULE Example:
EMV38GT33-200.00-2.5/-30+75
= available, x = not available, ASK = call Technical Sales
Series Description TCXO = EMV38GT* VCTCXO = VEMV38GT Supply Voltage 33 = 3.3 VDC Frequency (MHz) Stability over OTR (ppm) Operating Temperature Range (OTR) (C) Lower and upper limits * Note, 'G' indicates RoHS Compliant part
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of EMV38GT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X